Part Number Hot Search : 
MAX92 SC4524 IR3C01 GRF300 TDA729 DB201 6039122 002228
Product Description
Full Text Search
 

To Download CZRV5257B-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Zener Diode
SMD Diodes Specialist
CZRV5221B-G Thru CZRV5267B-G
Voltage: 2.4 to 75 Volts Power: 200 mWatts RoHS Device
Features
For surface mounted applications. 200mW Power Dissipation. Ideally suited for automated assembly processes. Pb free product.
0.014(0.35) 0.010(0.25) 0.055(1.40) 0.047(1.20)
SOD-323
0.071(1.80) 0.063(1.60)
0.106(2.70) 0.098(2.50)
Mechanical data
Case: SOD-323, Molded plastic. Terminals: Solder Plated,solderable per MIL-STD-750,method 2026. Polarity: Cathode band. Weight: 0.008 gram(approx.).
0.039(1.00)MAX.
0.006(0.15) 0.003(0.08)
0.004(0.10)MAX. 0.019(0.475)REF.
Dimensions in inches and (millimeter)
Maximum Rating AND Electrical Characteristics
Parameter
Maximum Power Dissipation,TA = 25C Operating Junction and Storage Temperature Range
Symbol
PD TJ
Value
200 -55 to +150
Unit
mW C
REV:A
QW-BZ021
Page 1
Comchip Technology CO., LTD.
SMD Zener Diode
SMD Diodes Specialist
Electrical Characteristics(Ta = 25C)
Zener Voltage Part Number VZ(V)@IZT
Min
CZRV5221B-G CZRV5222B-G CZRV5223B-G CZRV5225B-G CZRV5226B-G CZRV5227B-G CZRV5228B-G CZRV5229B-G CZRV5230B-G CZRV5231B-G CZRV5232B-G CZRV5234B-G CZRV5235B-G CZRV5236B-G CZRV5237B-G CZRV5239B-G CZRV5240B-G CZRV5241B-G CZRV5242B-G CZRV5243B-G CZRV5244B-G CZRV5245B-G CZRV5246B-G CZRV5247B-G CZRV5248B-G CZRV5250B-G CZRV5251B-G CZRV5252B-G CZRV5254B-G CZRV5255B-G CZRV5256B-G CZRV5257B-G CZRV5258B-G CZRV5259B-G CZRV5260B-G CZRV5261B-G CZRV5262B-G CZRV5263B-G CZRV5264B-G CZRV5265B-G CZRV5266B-G CZRV5267B-G 2.28 2.38 2.57 2.85 3.14 3.42 3.71 4.09 4.47 4.85 5.32 5.89 6.46 7.13 7.79 8.65 9.5 10.45 11.4 12.35 13.3 14.25 15.2 16.15 17.1 19 20.9 22.8 25.65 26.6 28.5 31.35 34.2 37.05 40.85 44.65 48.45 53.2 57 58.9 64.6 71.25
Operating resistance ZZT(Ohm)
Rising operating resistance ZZK(Ohm)
Max
1200 1250 1300 1600 1600 1700 1900 2000 1900 1600 1600 1000 750 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800 900 1000 1100 1300 1400 1500 1600 1400
Reverse current IR(uA)
Max
100 100 75 50 25 15 10 5 5 5 5 5 3 3 3 3 3 3 2 1 0.5 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1
Marking Code
Nom
2.4 2.5 2.7 3 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 14 15 16 17 18 20 22 24 27 28 30 33 36 39 43 47 51 56 60 62 68 75
Max
2.52 2.63 2.84 3.15 3.47 3.78 4.1 4.52 4.94 5.36 5.88 6.51 7.14 7.88 8.61 9.56 10.5 11.55 12.6 13.65 14.7 15.75 16.8 17.85 18.9 21 23.1 25.2 28.35 29.4 31.5 34.65 37.8 40.95 45.15 49.35 53.55 58.8 63 65.1 71.4 78.75
Max
30 30 30 30 28 24 23 22 19 17 11 7 5 6 8 10 17 22 30 13 15 16 17 19 21 25 29 33 41 44 49 58 70 80 93 105 125 150 170 185 230 270
IZT(mA)
20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 9.5 9.0 8.5 7.8 7.5 7 6.2 5.6 5.2 5 4.5 4.2 3.8 3.4 3.2 3 2.7 2.5 2.2 2.1 2 1.8 1.7
IZK(mA)
0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
VR(V)
1 1 1 1 1 1 1 1 2 2 3 4 5 6 6 6.5 8 8.4 9.1 9.9 10.5 11 12 13 14 15 17 18 21 21 23 25 27 30 33 36 39 43 46 47 52 56 C1 C2 C3 C5 D1 D2 D3 D4 D5 E1 E2 E4 E5 F1 F2 F4 F5 H1 H2 H3 H4 H5 J1 J2 J3 J5 K1 K2 K4 K5 M1 M2 M3 M4 M5 N1 N2 N3 N4 N5 P1 P2
REV:A
QW-BZ021
Page 2
Comchip Technology CO., LTD.
SMD Zener Diode
SMD Diodes Specialist
RATING AND CHARACTERISTIC CURVES (CZRV5221B-G Thru CZRV5267B-G)
Fig.1 Typical forward voltage
1000 1000 100
Forward current(mA) Leakage current(uA)
Fig.2 Typical leakage current
10 1 0.1 0.01 0.001 0.0001
+25 C
O
100
+150 C
O
50
C
O
+1
5
+2 5
+7
-5 5
O
10
C
O
C
O
C
-55 C
O
1 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
0.00001 0 10 20 30 40 50 60 70 80 90 Forward Voltage(V)
Normal zener voltage(V)
Fig.3 Temperature coefficents
100 Temperature coefficient,(mV/C) 0.3
Fig.4 Steady state power derating
TA = 25C
0.25
Power dissipation(W)
0.2 0.15 0.1 0.05
10
1 1 30 Nominal zener voltage(V) 100
0 0 25 50 75 100 125 150 175
Temperature(C)
REV:A
QW-BZ021
Page 3
Comchip Technology CO., LTD.
SMD Zener Diode
SMD Diodes Specialist
Reel Taping Specification
P0 P1 d Index hole E T
F B P A
W C
12 0
o
D2
D1 D
W1
Trailer ....... .......
10 pitches (min)
Device ....... ....... ....... .......
Leader ....... ..... ..
10 pitches (min)
End
Start
Direction of Feed
SYMBOL
A
1.52 0.10
0.060 0.004
B
2.90 0.10
0.114 0.004
C
1.35 0.10
0.053 0.004
d
1.50 0.10
0.059 0.004
D
178 1
7.008 0.040
D1
54.4 MIN.
2.142 MIN.
D2
13.0 0.20
0.512 0.008
SOD-323
(mm) (inch)
SYMBOL
E
1.75 0.10
0.069 0.004
F
3.50 0.05
0.138 0.002
P
4.00 0.10
0.157 0.004
P0
4.00 0.10
0.157 0.004
P1
2.00 0.05
0.079 0.002
W
8.00 0.30
0.315 0.012
W1
9.5 MAX.
0.374 MAX
SOD-323
(mm) (inch)
REV:A
QW-BZ021
Page 4
Comchip Technology CO., LTD.
SMD Zener Diode
SMD Diodes Specialist
Suggested PAD Layout
SOD-323 SIZE (mm) A B C D E 2.33 0.70 0.70 3.03 1.63 (inch) 0.092 0.028 0.028
C D A E
0.119
B
0.064
Standard Package
Qty per Reel Case Type (Pcs) SOD-323 3000 Reel Size (inch) 7
REV:A
QW-BZ021
Page 5
Comchip Technology CO., LTD.


▲Up To Search▲   

 
Price & Availability of CZRV5257B-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X